| データシートサーチシステム |
|
AS39513 データシート(PDF) 35 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 データシート(HTML) 35 Page - ams AG |
|
35 / 108 page ![]() ams Datasheet Page 35 [v1-10] 2018-Apr-25 Document Feedback AS39513 − Detailed Description ADC Scaling The selected sensor input (temperature or battery or ext. sensor) is passed through a buffer amplifier and then to the ADC. The buffer amplifier has a selectable gain and offset. The ADC then takes this buffered signal in combination with the selected reference voltages and produces and output code between 0 and 1023. The first step in computing the ADC code is to determine the source of the gndv1 setting and the mux_gain setting. They depend on the type of measurement according to the table below. Figure 24: ADC Scaling (defaults shown in brackets) The parameters gndv1 and mux_gain determine the value of the voltage and gain constants VLOW, VRNG, VMUXO, and AMUX according to the table below. Figure 25: ADC Voltage and Gain Constants Value Measurement Type Temperature External Battery gndv1 TSV1G (1’b0) EXV1G (1'b0) 1 mux_gain 2’b00 EXGAIN (2'b00) 2’b00 User Defined VLOW VRNG VMUXO AMUX Comments mux_gain gndv1 00 0 V2 V1 0 1 Defaults for temp and ext. sensor input 00 1 V2 00 1 Defaults for battery 01 0 V2 V1 2V1 -1 01 1 V2 0 2V1 -1 1x 0 V2 V1 V1 1x 1 V2 0 V1 4 3 --- 1 3 --- – 4 3 --- 1 3 --- – |