| データシートサーチシステム |
|
AS39513 データシート(PDF) 74 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 データシート(HTML) 74 Page - ams AG |
|
74 / 108 page ![]() Page 74 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description Write Block Command Write Block Command Request: Write Block Command Reply: The write block command writes the four bytes of Block Data to the EEPROM’s Application and Measurement areas. The starting byte address to write is 4*BADDR. The block data is sent lowest address and LSB first. In order to be written, the access state must allow access to the block being written, and the block must not have been locked. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.23. If the Option flag is set to 1 an error will be sent as the reply. Lock Block Command Lock Block Command Request: Lock Block Command Reply: The lock block command sets the bit in System EEPROM to mark as “read-only” the four-byte block beginning at 4*BADDR. No access passwords need to be set prior to using this command. The OPTION flag controls the response timing according to the ISO 15693 standard, section 10.4.33. SOF Flags Command UID BADDR Block Data CRC EOF NFLAGS 0x21 64 bits 8 bits 4*8 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits 3. For more information, please refer to the respective section of ISO/IEC 15693-3 specification (second edition, 2009-04-15). SOF Flags Command UID BADDR CRC EOF NFLAGS 0x22 64 bits 8 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits |