データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS39513 データシート(PDF) 87 Page - ams AG

部品番号 AS39513
部品情報  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS39513 データシート(HTML) 87 Page - ams AG

Back Button AS39513 Datasheet HTML 83Page - ams AG AS39513 Datasheet HTML 84Page - ams AG AS39513 Datasheet HTML 85Page - ams AG AS39513 Datasheet HTML 86Page - ams AG AS39513 Datasheet HTML 87Page - ams AG AS39513 Datasheet HTML 88Page - ams AG AS39513 Datasheet HTML 89Page - ams AG AS39513 Datasheet HTML 90Page - ams AG AS39513 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
ams Datasheet
Page 87
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
The do measurement command initiates a specific
measurement outside the normal logging loop. The command
reply will wait for the ADC conversion to complete. The ADC
algorithm will use a mode that always takes the same amount
of time for a given oscillator clock frequency, independent of
the conversion value. The format of the Meas parameter is
below.
Measurement Parameter Format
where:
DOMEAS[1:0] – Measurement type to initiate.
0 = Do a temperature measurement.
1 = Do a battery level measurement.
2 = Do a sensor measurement.
3 = Reserved; do not use.
Note the Do Measurement -Temperature command results in
some self heating of the chip due to the presence of the RF field
from the reader, so temperature accuracy cannot be
guaranteed with this command. Temperature sensing is
intended to be carried out in logging mode.
The do measurement command returns the 10-bit ADC result,
formatted in a two-byte word as shown below,
ADC Result Format
where:
ADC_RES[9:0] – ADC measurement result.
An example of a “good” reply is 0x0001AC (where 00 => no error
in RFLAGs, and 01AC => ADC data). An ADC error reply is 01A3
(where 01 => error indicated in RFLAGS, A3 => ADC error code)
Bit
7
65
43
21
0
Meas
00
00
00
DOMEAS[1:0]
Bit
15
14
13
12
11
10
9
87
65
43
2
1
0
ADC
0
0
000
0
ADC_RES[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More