| データシートサーチシステム |
|
AS39513 データシート(PDF) 76 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 データシート(HTML) 76 Page - ams AG |
|
76 / 108 page ![]() Page 76 ams Datasheet Document Feedback [v1-10] 2018-Apr-25 AS39513 − Detailed Description Select Command Select Command Request: The select command must be executed in addressed mode (In NFLAGS, SELECT = 0 and ADDR = 1), so the UID is mandatory. There are three possible actions for the select command. 1. If the UID in the command is equal to the device UID, the AS39513 will enter the selected state and send the reply: 2. If the UID in the command is different from the device UID, and the device is in the selected state, the AS39513 will return to the ready state and not send a response. 3. If the UID in the command is different from the device UID, and the device is not in the selected state, the AS39513 will remain in its current state (ready or quiet) and not send a response. Reset-to-Ready Command Reset-to-Ready Command Request: Reset-to-Ready Command Reply: The reset-to-ready command takes the RFID state machine out of the quiet state and moves it into the ready state. SOF Flags Command UID CRC EOF NFLAGS 0x25 64 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits SOF Flags Command UID CRC EOF NFLAGS 0x26 64 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits |