| データシートサーチシステム |
|
AS39513 データシート(PDF) 83 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS39513 データシート(HTML) 83 Page - ams AG |
|
83 / 108 page ![]() ams Datasheet Page 83 [v1-10] 2018-Apr-25 Document Feedback AS39513 − Detailed Description Write System Block Command Write System Block Command Request: Write System Block Command Reply: The write system block command writes the four bytes of Block Data to the EEPROM and register System areas. The starting byte address to write is 0x400 + 4*BADDR. The block data is sent lowest address and LSB first. In order to be written, the access state must allow access to the block being written. The OPTION flag controls the response timing according to the ISO 15693 standard for the Write Block command, section 10.4.26. If the Option flag is set to 1 an error will be sent as the reply. SOF Flags Command IC Mfg. UID BADDR Block Data CRC EOF NFLAGS 0xA3 0x36 64 bits 8 bits 4*8 bits 16 bits SOF Flags CRC EOF RFLAGS 16 bits 6. For more information, please refer to the respective section of ISO/IEC 15693-3 specification (second edition, 2009-04-15). |