| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 34 Page - Texas Instruments |
|
34 / 160 page ![]() www.ti.com TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Table 2-4. Terminal Functions (continued) SIGNAL IPD/ TYPE(1) DESCRIPTION IPU(2) NAME NO. AED19 G23 AED18 G26 AED17 H23 AED16 H24 AED15 C19 AED14 D19 AED13 A20 AED12 D20 AED11 B20 AED10 C20 I/O/Z IPU EMIFA external data AED9 A21 AED8 D21 AED7 B21 AED6 C21 AED5 A23 AED4 C22 AED3 B22 AED2 B23 AED1 A24 AED0 B24 MANAGEMENT DATA INPUT/OUTPUT (MDIO) MDCLK R5 I/O/Z IPD MDIO serial clock input/output (I/O/Z). MDIO P5 I/O/Z IPU MDIO serial data input/output (I/O/Z). VCXO INTERPOLATED CONTROL PORT (VIC) VCXO Interpolated Control Port (VIC) single-bit digital-to-analog converter VDAC/GP0[8](3) AD1 I/O/Z IPD (VDAC) output [output only] [default] or this pin can be programmed as a GP0 8 pin (I/O/Z) VIDEO PORTS (VP1 AND VP2) STCLK AC1 I IPD The STCLK signal drives the hardware counter on the video ports. 34 Device Overview |