データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320DM643 データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320DM643
部品情報  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 データシート(HTML) 39 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 35Page - Texas Instruments TMS320DM643 Datasheet HTML 36Page - Texas Instruments TMS320DM643 Datasheet HTML 37Page - Texas Instruments TMS320DM643 Datasheet HTML 38Page - Texas Instruments TMS320DM643 Datasheet HTML 39Page - Texas Instruments TMS320DM643 Datasheet HTML 40Page - Texas Instruments TMS320DM643 Datasheet HTML 41Page - Texas Instruments TMS320DM643 Datasheet HTML 42Page - Texas Instruments TMS320DM643 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
www.ti.com
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Table 2-4. Terminal Functions (continued)
SIGNAL
IPD/
TYPE(1)
DESCRIPTION
IPU(2)
NAME
NO.
SUPPLY VOLTAGE PINS
A2
A25
B1
B2
B14
B25
B26
C3
C24
D4
D23
E5
E7
E8
E10
E17
E19
E20
E22
F9
F12
F15
3.3-V supply voltage
DVDD
S
(see the Power-Supply Decoupling section of this data sheet)
F18
G5
G22
H5
H22
J6
J21
K5
K22
M6
M21
N2
P25
R21
U5
U22
V21
W5
W22
W25
Y5
Y22
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More