データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320DM643 データシート(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320DM643
部品情報  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 データシート(HTML) 25 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 21Page - Texas Instruments TMS320DM643 Datasheet HTML 22Page - Texas Instruments TMS320DM643 Datasheet HTML 23Page - Texas Instruments TMS320DM643 Datasheet HTML 24Page - Texas Instruments TMS320DM643 Datasheet HTML 25Page - Texas Instruments TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
www.ti.com
VP1D[10]
VP1D[11]
VP1D[12]/AXR0[0]
VP1D[13]/AXR0[1]
VP1D[14]/AXR0[2]
VP1D[15]/AXR0[3]
VP1D[16]/AXR0[4]
VP1D[17]/AXR0[5]
VP1D[0]
VP1D[1]
VP1D[2]
VP1D[3]
VP1D[4]
VP1D[5]
VP1D[6]
VP1D[7]
VP1D[8]
VP1D[9]
VP1D[18]/AXR0[6]
VP1D[19]/AXR0[7]
Capture/Display
Buffer
(2560 Bytes)
VP1CLK0
VP1CLK1
VP1CTL0
VP1CTL1
VP1CTL2
Timing and
Control Logic
Video Port 1 (VP1)
Channel B(B)
Channel A(A)
Capture/Display
Buffer
(2560 Bytes)
Channel B uses only
the VP1D[19:10]
bidirectional pins
STCLK(C)
A. Channel A supports: BT.656 (8/10-bit), Y/C Video (16/20-bit), RAW Video (16/20-bit) display modes and BT.656 (8/10-bit), Y/C Video
(16/20-bit), RAW Video (16/20-bit) capture modes [TSI (8-bit) capture mode − currently not supported].
B. Channel B supports: BT.656 (8/10-bit), RAW Video (8/10-bit) capture modes and can display synchronized RAW Video data with
Channel A.
C. The same STCLK signal is used for both video ports (VP1 and VP2).
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Figure 2-12. Video Port 1 Peripheral Signals
Device Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More