| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 82 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 82 Page - Texas Instruments |
|
82 / 160 page ![]() www.ti.com CLKIN 2 3 4 4 5 1 CLKOUT4 1 2 3 3 TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Figure 5-11. CLKIN Timing Table 5-15. Switching Characteristics Over Recommended Operating Conditions for CLKOUT4 (1) (2) (3) (see Figure 5-12) –500 –600 NO. PARAMETER UNIT CLKMODE = x1, x6, x12 MIN MAX 1 tw(CKO4H) Pulse duration, CLKOUT4 high 2P – 0.7 2P + 0.7 ns 2 tw(CKO4L) Pulse duration, CLKOUT4 low 2P – 0.7 2P + 0.7 ns 3 tt(CKO4) Transition time, CLKOUT4 1 ns (1) The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. (2) PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns. (3) P = 1/CPU clock frequency in nanoseconds (ns) Figure 5-12. CLKOUT4 Timing 82 DM643 Peripheral Information and Electrical Specifications |