| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 24 Page - Texas Instruments |
|
24 / 160 page ![]() www.ti.com HD21/MCOL(A) HD28/MRXDV(A) HD29/MRXER(A) HD20/MTXEN(A) Ethernet MAC (EMAC) and MDIO MDIO MDCLK MDIO Clock HD16/MTXD0(A) HD17/MTXD1(A) HD18/MTXD2(A) HD25/MRXD1(A) HD26/MRXD2(A) HD27/MRXD3(A) EMAC Transmit HD24/MRXD0(A) HD19/MTXD3(A) Clocks HD31/MRCLK(A) HD22/MTCLK(A) HD30/MCRS(A) Error Detect and Control Input/Output Receive A. These EMAC pins are muxed with the upper data pins of the HPI peripheral. By default, these signals function as HPI. For more details on these muxed pins, see the Device Configurations section of this data sheet. TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Figure 2-11. EMAC/MDIO Peripheral Signals 24 Device Overview |