| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 21 Page - Texas Instruments |
|
21 / 160 page ![]() www.ti.com 2.5.2 Signal Groups Description TRST GP0[7]/EXT_INT7(B) IEEE Standard 1149.1 (JTAG) Emulation Reserved Reset and Interrupts Control/Status TDI TDO TMS TCK EMU0 EMU1 NMI GP0[6]/EXT_INT6(B) GP0[5]/EXT_INT5(B) GP0[4]/EXT_INT4(B) RESET RSV22 RSV21 Clock/PLL CLKIN CLKMODE1 CLKMODE0 PLLV EMU2 EMU3 EMU4 EMU5 GP0 General-Purpose Input/Output 0 (GP0) Port GP0[7]/EXT_INT7(B) GP0[6]/EXT_INT6(B) GP0[5]/EXT_INT5(B) GP0[4]/EXT_INT4(B) GP0[3] CLKOUT6/GP0[2](A) CLKOUT4/GP0[1](A) GP0[0] CLKOUT6/GP0[2](A) CLKOUT4/GP0[1](A) EMU6 EMU7 EMU8 EMU9 EMU10 GP0[15] GP0[14] GP0[13] GP0[12] GP0[11] GP0[10] GP0[9] VDAC/GP0[8] RSV23 EMU11 Peripheral Control/Status TOUT0/MAC_EN RSV01 RSV00 RSV02 A. These pins are muxed with the GP0 pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6). To use these muxed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and configured. For more details, see the Device Configurations section of this data sheet. B. These pins are GP0 pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or GPIO as input-only. TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Figure 2-7. CPU and Peripheral Signals Device Overview 21 |