| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 9 Page - Texas Instruments |
|
9 / 160 page ![]() www.ti.com .L1 .S1 .M1 .D1 .D2 .M2 .S2 .L2 src1 long dst 8 8 src2 DA1 (Address) ST1b (Store Data) ST2a (Store Data) Register File A (A0−A31) 8 8 8 8 dst Data Path A DA2 (Address) Register File B (B0− B31) LD2a (Load Data) Data Path B Control Register File ST2b (Store Data) LD1b (Load Data) 8 8 2X 1X ST1a (Store Data) (A) LD1a (Load Data) LD2b (Load Data) 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs src2 src1 dst long dst long src long src long dst dst src1 src2 src1 src2 src2 src1 dst src2 src1 dst src2 long dst src2 src1 dst long dst long dst long src long src long dst dst dst src2 src1 dst (A) (A) (A) TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 A. For the .M functional units, the long dst is 32 MSBs and the dst is 32 LSBs. Figure 2-1. TMS320C64x™ CPU (DSP Core) Data Paths Device Overview 9 |