| データシートサーチシステム |
|
TMS320DM643 データシート(PDF) 116 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 データシート(HTML) 116 Page - Texas Instruments |
|
116 / 160 page ![]() www.ti.com 1st half-word 2nd half-word 13 12 13 12 4 14 3 2 1 2 1 2 1 2 1 2 1 2 1 HAS HCNTL[1:0] HR/W HHWIL HSTROBE(A) HCS HD[15:0] (input) HRDY 3 6 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. 1st half-word 2nd half-word 13 12 13 12 4 14 3 11 10 11 10 11 10 11 10 11 10 11 10 HAS(A) HCNTL[1:0] HR/W HHWIL HSTROBE(B) HCS HD[15:0] (input) HRDY 19 19 18 18 6 A. For correct operation, strobe the HAS signal only once per HSTROBE active cycle. B. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Figure 5-40. HPI16 Write Timing (HAS Not Used, Tied High) Figure 5-41. HPI16 Write Timing (HAS Used) 116 DM643 Peripheral Information and Electrical Specifications |