データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ2H24AFR-R0C データシート(PDF) 56 Page - Hynix Semiconductor

部品番号 H5GQ2H24AFR-R0C
部品情報  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C データシート(HTML) 56 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
56
H5GQ2H24AFR
Low Power Modes (LP2, LP3)
Bits A1‐A2 control several low power modes of the GDDR5 SGRAM. The modes are independent of each 
other.
When bit A1 (LP2) is set, the WCK receivers may be turned off during power‐down.
When bit A2 (LP3) is set, RDTR, WRTR and LDFF commands are not allowed while a REF command is 
being executed.
PLL Bandwidth
The PLL bandwidth may optionally be configured to match system characteristics. Each setting defines a 
unique combination of ‐3dB corner frequency, peaking frequency and peaking magnitude. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More