データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ2H24AFR-R0C データシート(PDF) 4 Page - Hynix Semiconductor

部品番号 H5GQ2H24AFR-R0C
部品情報  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C データシート(HTML) 4 Page - Hynix Semiconductor

  H5GQ2H24AFR-R0C Datasheet HTML 1Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 2Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 3Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
4
H5GQ2H24AFR
READ....................................................................................................................................................89
DQ PREAMBLE .....................................................................................................................................98
READ AND WRITE DATA BUS INVERSION (DBI).......................................................................................100
ERROR DETECTION CODE.....................................................................................................................102
PRECHARGE........................................................................................................................................106
AUTO PRECHARGE...............................................................................................................................107
REFRESH.............................................................................................................................................107
SELF REFRESH....................................................................................................................................109
POWER-DOWN....................................................................................................................................112
COMMAND TRUTH TABLE.....................................................................................................................113
RDQS MODE........................................................................................................................................117
CLOCK FREQUENCY CHANGE SEQUENCE..............................................................................................119
DYNAMIC VOLTAGE SWITCHING(DVS).................................................................................................120
.......................................................................................................................122
DUTY CYCLE CORRECTOR....................................................................................................................123
OPERATING CONDITIONS................................................................................................................................125
Absolute Maximum Ratings...................................................................................................................125
AC & DC Characteristics........................................................................................................................127
CLOCK TO DATA TIMING SENSITIVITY..................................................................................................153
PACKAGE SPECIFICATION................................................................................................................................156
BALL-OUT...............................................................................................................................................156
SIGNALS.................................................................................................................................................158
ON DIE TERMINATION(ODT)....................................................................................................................161
PACKAGE DIMENSIONS...........................................................................................................................162
MIRROR FUNCTION(MF) ENABLE AND X16 MODE ENABLE.................................................................................163
BOUNDARY SCAN............................................................................................................................................168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More