| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 76 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 76 Page - Hynix Semiconductor |
|
76 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 76 H5GQ2H24AFR Figure 46. Single WRITE with EDC 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 3. For WRITE operations it is important that the latching point meet the data valid window requirements, which may or may not be center aligned at the pins. 4. Before the WRITE commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDWR must be met. WL = WLmrs = 3 T1 T2 T0 T3 T4 T5 T11 T12 T13 T3n T4n Bank a, Col n Col n ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) CRCWL = 8 EDC Hold Pattern EDC Hold Pattern ( ) ( ) ( ) ( ) DO DO DBI DBI n+7 n+7 n n CK CK# DQ DBI# WCK# WCK EDC ( ) ( ) ( ) ( ) EDC EDC n+7 n 1. WLmrs = 3 and CRCWL = 8 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 5. tWCK2DQI, tWCKDQO = 0 is shown for illustration purposes. Notes: DONʹT CARE TRANSITIONING DATA NOP WRITE NOP NOP NOP NOP NOP NOP NOP ADDRESS COMMAND ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |