| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 80 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 80 Page - Hynix Semiconductor |
|
80 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 80 H5GQ2H24AFR Figure 50. WRITE to PRECHARGE 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. Bank a, Col n Col n CK CK# DQ DBI# WL = WLmrs = 3 WCK# WCK T5 Ta0 Ta1 T0 T1 T2 T3 T3n T4 T4n T6 tWR Bank a, or all tRP DO DO DBI DBI n+7 n+7 n n 1. WLmrs = 3 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 4 for EDC Timing. 4. For WRITE operations it is important that the latching point meet the data valid window requirements, which may or may not be center aligned at the pins. 5. Before the WRITE command, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDWR must be met. Notes: 6. tWCK2DQI = 0 is shown for illustration purposes. DONʹT CARE TRANSITIONING DATA NOP WRITE NOP NOP NOP NOP NOP PRE NOP ADDRESS COMMAND ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |