| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 94 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 94 Page - Hynix Semiconductor |
|
94 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 94 H5GQ2H24AFR Figure 59. Non-Gapless READs DBI DBI n+7 n Bank a, Col m Col m CL = CLmrs = 6 T8 T10 T11 T0 T1 T3 T6 T6n T7 T7n T10n T9 T9n DONʹT CARE TRANSITIONING DATA DO DO DBI DBI m+7 m+7 m m DO DO n+7 n Bank b, Col n Col n tCCD CL = CLmrs = 6 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 4. tCCD = tCCDL when bank groups are enabled and both READs access banks in the same bank group; otherwise tCCD=tCCDS. 5. Before the READ commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 1. CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 58 for EDC Timing. Notes: 6. tWCK2DQI = 0 is shown for illustration purposes. NOP READ READ NOP NOP NOP NOP NOP NOP CK CK# COMMAND DQ DBI# WCK# WCK ADDRESS ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |