| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 99 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 99 Page - Hynix Semiconductor |
|
99 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 99 H5GQ2H24AFR Figure 64. Preamble Timing Diagram DBI DO DO DBI n+7 n+7 n n DO DO n+7 n CL = CLmrs = 6 Bank a, Col n Col n CK CK# DQ6 DBI# T0 T1 T4 T5 T5n T6n T6 T7n T8 T9 T10 T7 WCK# DONʹT CARE TRANSITIONING DATA DQ7 WCK ODT Disabled ODT Enabled ODT Enabled ODT 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 4. DQ6, DQ7 and the DBI# pin are shown to illustrate the DQ preamble pattern. RDBI is Enabled (MR1 A8=0). 5. Before the READ commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 1. CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 58 for EDC Timing. Notes: 6. tWCK2DQO = 0 is shown for illustration purposes. NOP READ NOP NOP NOP NOP NOP NOP NOP ADDRESS COMMAND ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) |