| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 78 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 78 Page - Hynix Semiconductor |
|
78 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 78 H5GQ2H24AFR Figure 48. Gapless WRITEs NOP WRITE WRITE NOP NOP NOP NOP NOP NOP 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. WL = WLmrs = 2 Bank a, Col m Col m CK CK# COMMAND DQ DBI# 1. WLmrs = 2 is shown as an example. Actual supported values will be found in the MR and AC timings sections. WCK# WCK 3. EDC may be on or off. See Figure 4 for EDC Timing. T5 T7 T8 T0 T1 T2 T3 T3n T4 T4n T5n T6 T2n 5. For WRITE operations it is important that the latching point meet the data valid window requirements, which may or may not be center aligned at the pins. 6. Before the WRITE commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDWR must be met. Bank a, Col n Col n DO DO DBI DBI m+7 m+7 m m tCCD DO DO n+7 n DBI DBI n+7 n WL = WLmrs = 2 4. tCCD = tCCDS when bank groups is disabled or the second WRITE is to a different bank group, otherwise tCCD=tCCDL. Notes: 7. tWCK2DQI = 0 is shown for illustration purposes. DONʹT CARE TRANSITIONING DATA ADDRESS |