| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 118 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 118 Page - Hynix Semiconductor |
|
118 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 118 H5GQ2H24AFR The WCK2CK training should be performed prior to entering RDQS mode. No WCK2CK training can be done when the RDQS mode is active. Figure 76. RDQS Mode Timings EDC1 and EDC3 can be treated as pseudo‐differential to EDC0 and EDC2 respectively, by setting the EDC13Inv field, bit A11 in MR4, as shown in Table 34. Table 33 EDC pin behavior in RDQS mode including pseudo‐differential RDQS MRS Set READ/RDTR NOP (except RD/RDTR/ PDN/SRF) POWER‐ DOWN/SELF REFRESH RDQS Mode WCK2CK Training EDC13 Invert EDC02 Output EDC13 Output EDC0123 Output EDC0123 Output On Off Off RDQS RDQS 1111 High On RDQS Inverted RDQS 1111 High CK# CK CMD DQ NOP MRS 1. MRA = Mode Register address and opcode; BA = bank address; CA = column address READ ADDR MRA MRA NOP NOP NOP NOP MRS NOP NOP WCK WCK# EDC CLmrs BA CA MRA MRA tMRD EDC Hold NOP tMRD EDC Hold Enter RDQS Mode Exit RDQS Mode T0 T1 Ta0 Ta1 Tb0 Tb1 Tb2 Tb3 Tb4 Tb5 Tc0 Donʹt Care 3. Before the READ command, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 4. tWCK2DQO = 0 is shown for illustration purposes. 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. |