データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ2H24AFR-R0C データシート(PDF) 124 Page - Hynix Semiconductor

部品番号 H5GQ2H24AFR-R0C
部品情報  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C データシート(HTML) 124 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
124
H5GQ2H24AFR
DCC control signals
•DCC reset : Initializes the DCC code and shall be issued when WCK is stable
•DCC start :Enables the DCC to update the DCC code
•DCC hold/off : Stops the DCC from undating and holds the DCC code
DCC sequence
•Step 1) Enable DCC reset(MRS7 A11:1. A10:0) before entering WCK2CK training
•Step 2) Enalble DCC start(MRS7 A11:0, A10:1) after WCK&WCKB are stabilized during tWCK2TR
•Step 3) Wait tDCC(>1300cycles) for DCC operation
•Step 4) Enale DCC hold(MRS7 A11:0, A10:0) before starting WCK2CK Phase Training
•Step 5) If continual DCC update is required, enable DCC start (MRS7 A11:0, A10:1) after EXIT WCK Training
Table 36  DCC Control Signals
A11
A10
DCC
00
no DCC & DCC off or hold
01
DCC start
10
DCC reset
11
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More