データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H5GQ2H24AFR-R0C データシート(PDF) 159 Page - Hynix Semiconductor

部品番号 H5GQ2H24AFR-R0C
部品情報  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C データシート(HTML) 159 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 155Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 156Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 157Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 158Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 159Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 160Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 161Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 162Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 163Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
159
H5GQ2H24AFR
Figure  82 clarifies the use of the MF=0 and MF=1 ball‐outs in x16 mode and why the bytes are renumbered 
to give the controller the view of the same bytes that a controller sees with a single x32 device. This is 
important for Address Training, DM and EDC functionality. For more details see the x16 enable and MF 
enable section.
RFU
Reserved for Future Use
NC
Not connected
SEN
Input
Scan enable. VDDQ CMOS input. Must be tied to the ground when not in use.
RESET#
Input
Reset Pin. VDDQ CMOS input. RESET# Low asynchronously initiates a full chip reset. With 
RESET# Low all ODTs are disabled.A full chip reset may be performed at any time by pulling 
RESET# Low.
Table 54. Ball-out Description
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More