| データシートサーチシステム |
|
H5GQ2H24AFR-R0C データシート(PDF) 167 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C データシート(HTML) 167 Page - Hynix Semiconductor |
|
167 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 167 H5GQ2H24AFR Clamshell configurations Single side configurations x32 MF=0 x32 MF=1 DQ ADDRESS/COMMAND (except CS#) Legend: CS# x16 MF=1 x16 MF=0 x16 MF=0 x16 MF=1 x32 MF=0 x32 MF=0 x16 MF=0 x16 MF=1 x32 MF=0 x32 MF=0 Note 1: 32bit channel is shown as an example. Also applies with x16 on a 16bit channel. 1 1 x32 MF=1 x32 MF=1 1 x32 MF=0 x32 MF=0 1 x32 MF=0 x32 MF=1 x32 MF=1 x32 MF=1 x32 MF=0 x32 MF=1 1 x32 MF=1 x32 MF=1 1 |