| データシートサーチシステム |
|
AD9546/PCBZ データシート(PDF) 196 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546/PCBZ データシート(HTML) 196 Page - Analog Devices |
|
196 / 205 page ![]() AD9546 Data Sheet Rev. 0 | Page 196 of 205 INITIALIZATION SEQUENCE The suggested initialization sequence for powering on and programming the AD9546 is shown in Figure 132 to Figure 134. WRITE: REGISTER 0x000F = 0x01 ISSUE A CHIP LEVEL RESET (PIN OR SOFT RESET) RST_COUNT = RST_COUNT + 1 REFERENCE INPUT(S) CAN BE APPLIED ANY TIME HEREAFTER SUBPROCESS SYSTEM CLOCK INITIALIZATION RST_COUNT > 0 RAISE FLAG FOR DEBUGGING WRITE REGISTER 0x000F = 0x01 READ: REGISTER 0x3000 TO REGISTER 0x3023 REGISTER 0x3100 TO REGISTER 0x310E REGISTER 0x3200 TO REGISTER 0x320E END RST_COUNT = 0 YES NO CHIP LEVEL RESET LOOP SUBPROCESS: ANALOG PLLx INITIALIZATION x = 0 APLLx ENABLED x > 1 x = x +1 NO NO YES SOFTWARE GENERATED AD9546 REGISTER DUMP WRITE REGISTER CONTENT FROM SETUP FILE YES START EEPROM DOWNLOAD YES NO SET M3 HIGH APPLY VDD (ALL DOMAINS) END SPI OR I2C SPI SET M4 LOW SET M4 HIGH SELECT AD9546 I2C ADDR USING CSB/M6, SDO/M5 APPLY VDD (ALL DOMAINS) REGISTER 0x000C = 0x56 NO YES THIS LOOP SERVES AS AN INDICATOR THAT THE POWER-ON RESET CIRCUITRY HAS TRIGGERED AN INTERNAL RESET. I2C Figure 132. Programming Sequence Flowchart |