| データシートサーチシステム |
|
SH7041A データシート(PDF) 413 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 413 Page - Renesas Technology Corp |
|
413 / 923 page ![]() 375 TGCR UF bit VF bit WF bit TIOC3B pin TIOC3D pin TIOC4A pin TIOC4C pin TIOC4B pin TIOC4D pin 6-phase output When BDC = 1, N = 1, P = 1, FB = 0, output active level = high Figure 12.58 Example of Output Phase Switching by Means of UF, VF, WF Bit Settings (2) • A/D conversion start request setting In complementary PWM mode, an A/D conversion start request can be issued using a TGR3A compare-match or a compare-match on a channel other than channels 3 and 4. When start requests using a TGR3A compare-match are set, A/D conversion can be started at the center of the PWM pulse. A/D conversion start requests can be set by setting the TTGE bit to 1 in the timer interrupt enable register (TIER). |