| データシートサーチシステム |
|
SH7041A データシート(PDF) 78 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 78 Page - Renesas Technology Corp |
|
78 / 923 page ![]() 40 Table 1.7 Pin Functions (cont) Classification Symbol I/O Name Function Bus control multifunction timer/pulse unit (cont) TIOC3A TIOC3B TIOC3C TIOC3D I/O MTU input capture/output compare (channel 3) Channel 3 input capture input/output compare output/PWM output pins. TIOC4A TIOC4B TIOC4C TIOC4D I/O MTU input capture/output compare (channel 4) Channel 4 input capture input/output compare output/PWM output pins. Direct memory access controller (DMAC) DREQ0– DREQ1 I DMA transfer request (channels 0, 1) Input pin for external requests for DMA transfer. DRAK0– DRAK1 O DREQ request acknowledgment (channels 0, 1) Output the input sampling acknowledgment of external DMA transfer requests. DACK0– DACK1 O DMA transfer strobe (channels 0, 1) Output a strobe to the external I/O of external DMA transfer requests. Serial communication interface (SCI) TxD0– TxD1 O Transmit data (channels 0, 1) SCI0, SCI1 transmit data output pins. (TxD1 is used for data transfer during boot mode of F-ZTAT) RxD0– RxD1 I Receive data (channels 0, 1) SCI0, SCI1 receive data input pins. (RxD1 is used for data transfer during boot mode of F-ZTAT) SCK0– SCK1 I/O Serial clock (channels 0, 1) SCI0, SCI1 clock input/output pins. A/D Converter AV CC I Analog supply Analog supply; connected to V CC. AV SS I Analog ground Analog supply; connected to V SS. AVref (QFP-144 only) I Analog reference supply Analog reference supply input pin. (Connected to AV CC internally in QFP-112 and TQFP-120.) AN0–AN7 I Analog input Analog signal input pins. ADTRG I A/D conversion trigger input External trigger input for A/D conversion start. |