| データシートサーチシステム |
|
SH7041A データシート(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 77 Page - Renesas Technology Corp |
|
77 / 923 page ![]() 39 Table 1.7 Pin Functions (cont) Classification Symbol I/O Name Function Bus control (cont) CASL O Lower column address strobe Timing signal for DRAM column address strobe. Output when the lower 8 bits of data are accessed. RDWR O DRAM read/write DRAM write strobe signal. AH O Address hold Address hold timing signal for devices using an address/data multiplex bus. WRHH (QFP-144) O HH write Indicates the writing of bits 31 to 24 of external data. WRHL (QFP-144) O HL write Indicates the writing of bits 23 to 16 of external data. CASHH (QFP-144) O HH column address strobe Timing signal for DRAM column address strobe. Output when bits 31 to 24 of data are accessed. CASHL (QFP-144) O HL column address strobe Timing signal for DRAM column address strobe. Output when bits 23 to 16 of data are accessed. Bus control multifunction timer/pulse unit TCLKA TCLKB TCLKC TCLKD I MTU timer clock input Input pins for external clocks to the MTU counter. TIOC0A TIOC0B TIOC0C TIOC0D I/O MTU input capture/ output compare (channel 0) Channel 0 input capture input/output compare output/PWM output pins. TIOC1A TIOC1B I/O MTU input capture/output compare (channel 1) Channel 1 input capture input/output compare output/PWM output pins. TIOC2A TIOC2B I/O MTU input capture/output compare (channel 2) Channel 2 input capture input/output compare output/PWM output pins. |