| データシートサーチシステム |
|
SH7041A データシート(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 12 Page - Renesas Technology Corp |
|
12 / 923 page ![]() Section Page Description 22.7.2 Program- Verify Mode Figure 22.13 Program/Program Verify Flow 706 Figure amended Set SWE bit in FLMCR1 n = 1 m = 0 Write 32-byte data in reprogram data area in RAM to flash memory consecutively Start of programming NG NG NG NG OK OK OK *2 *5 *5 *5 *5 *5 *5 *5 *5 *5 Store 32-byte program data in reprogram data area *4 *1 *5 Read verify data Clear SWE bit in FLMCR1 m = 1 End of programming Program data = verify data? End of 32-byte data verification? flag = 0? Verify Increment address Programming failure OK Clear SWE bit in FLMCR1 n ≥ 1000 n ← n + 1 Start *3 *3 *4 End of programming Enable WDT Disable WDT Reprogram data computation Transfer reprogram data to reprogram data area Wait 10 µs Clear PV1(2) bit in FLMCR1(2) Wait 4 µs Dummy write of H'FF to verify address Wait 2 µs Set PV1(2) bit in FLMCR1(2) Wait 4 µs Clear PSU1(2) bit in FLMCR1(2) Wait 10 µs Clear P1(2) bit in FLMCR1(2) Wait 10 µs Set P1(2) bit in FLMCR1(2) Wait 200 µs Set PSU1(2) bit in FLMCR1(2) Wait 50 µs Note *5 added. *5 Make sure to set the wait times and repetitions as specified. Programming may not complete correctly if values other than the specified ones are used. |