| データシートサーチシステム |
|
SH7041A データシート(PDF) 545 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 545 Page - Renesas Technology Corp |
|
545 / 923 page ![]() 507 Start transmitting Initialize Read TDRE bit in SSR Read TEND bit in SSR Clear TE bit in SCR to 0; select theTxD pin as an output port with the PFC TEND = 1? End transmission 1 2 3 No Yes TDRE = 1? Write transmission data to TDR and clear TDRE bit in SSR to 0 All data transmitted? No Yes Output break signal? No Yes Set DR = 0 4 Yes No Figure 14.5 Sample Flowchart for Transmitting Serial Data |