| データシートサーチシステム |
|
SH7041A データシート(PDF) 625 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 625 Page - Renesas Technology Corp |
|
625 / 923 page ![]() 587 Section 17 Compare Match Timer (CMT) 17.1 Overview The SH7040 series has an on-chip compare match timer (CMT) configured of 16-bit timers for two channels. The CMT has 16-bit counters and can generate interrupts at set intervals. 17.1.1 Features The CMT has the following features: • Four types of counter input clock can be selected One of four internal clocks (φ/8, φ/32, φ/128, φ/512) can be selected independently for each channel. • Interrupt sources A compare match interrupt can be requested independently for each channel. 17.1.2 Block Diagram Figure 17.1 shows a block diagram of the CMT. |