| データシートサーチシステム |
|
SH7041A データシート(PDF) 696 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 696 Page - Renesas Technology Corp |
|
696 / 923 page ![]() 658 Table 19.12 Port D, FP-144 Version (cont) Extended Mode Without ROM (Mode 0) Extended Mode Without ROM (Mode 1) Extended Mode With ROM (Mode 2) Single Chip Mode D15 (I/O) D15 (I/O) PD15 (I/O)/D15 (I/O) PD15 (I/O) D14 (I/O) D14 (I/O) PD14 (I/O)/D14 (I/O) PD14 (I/O) D13 (I/O) D13 (I/O) PD13 (I/O)/D13 (I/O) PD13 (I/O) D12 (I/O) D12 (I/O) PD12 (I/O)/D12 (I/O) PD12 (I/O) D11 (I/O) D11 (I/O) PD11 (I/O)/D11 (I/O) PD11 (I/O) D10 (I/O) D10 (I/O) PD10 (I/O)/D10 (I/O) PD10 (I/O) D9 (I/O) D9 (I/O) PD9 (I/O)/D9 (I/O) PD9 (I/O) D8 (I/O) D8 (I/O) PD8 (I/O)/D8 (I/O) PD8 (I/O) D7 (I/O) D7 (I/O) PD7 (I/O)/D7 (I/O) PD7 (I/O) D6 (I/O) D6 (I/O) PD6 (I/O)/D6 (I/O) PD6 (I/O) D5 (I/O) D5 (I/O) PD5 (I/O)/D5 (I/O) PD5 (I/O) D4 (I/O) D4 (I/O) PD4 (I/O)/D4 (I/O) PD4 (I/O) D3 (I/O) D3 (I/O) PD3 (I/O)/D3 (I/O) PD3 (I/O) D2 (I/O) D2 (I/O) PD2 (I/O)/D2 (I/O) PD2 (I/O) D1 (I/O) D1 (I/O) PD1 (I/O)/D1 (I/O) PD1 (I/O) D0 (I/O) D0 (I/O) PD0 (I/O)/D0 (I/O) PD0 (I/O) 19.5.1 Register Configuration Table 19.13 summarizes the port D register. Table 19.13 Port D Register Name Abbreviation R/W Initial Value Address Access Size Port D data register H PDDRH R/W H'0000 H'FFFF83A0 H'FFFF83A1 8, 16, 32 Port D data register L PDDRL R/W H'0000 H'FFFF83A2 H'FFFF83A3 8, 16, 32 |