| データシートサーチシステム |
|
SH7041A データシート(PDF) 703 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 703 Page - Renesas Technology Corp |
|
703 / 923 page ![]() 665 Section 20 64/128/256kB Mask ROM 20.1 Overview This LSI is available with 64 kbytes, 128 kbytes, or 256 kbytes of on-chip ROM. The on-chip ROM is connected to the CPU, direct memory access controller (DMAC) and data transfer controller (DTC) through a 32-bit data bus (figures 20.1, 20.2, and 20.3). The CPU, DMAC, and DTC can access the on-chip ROM in 8, 16, and 32-bit widths. Data in the on-chip ROM can always be accessed in one cycle. H'00000000 H'00000004 H'00000001 H'00000005 H'00000002 H'00000006 H'00000003 H'00000007 H'0000FFFC H'0000FFFD H'0000FFFE H'0000FFFF On-chip ROM Internal data bus (32 bits) Figure 20.1 Mask ROM Block Diagram (64-kbyte Version) |