| データシートサーチシステム |
|
SH7041A データシート(PDF) 913 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 913 Page - Renesas Technology Corp |
|
913 / 923 page ![]() 875 Appendix D Notes when Converting the F–ZTAT Application Software to the Mask-ROM Versions Please note the following when converting the F-ZTAT application software to the mask-ROM versions. The values read from the internal registers for the flash ROM of the mask-ROM version and F– ZTAT version differ as follows. Status Register Bit F–ZTAT Version Mask-ROM Version FLMCR1 FWE 0: Application software running 1: Programming 0: Is not read out 1: Application software running Note: This difference applies to all the F-ZTAT versions and all the mask-ROM versions that have different ROM size. |