| データシートサーチシステム |
|
SH7041A データシート(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A データシート(HTML) 128 Page - Renesas Technology Corp |
|
128 / 923 page ![]() 90 Table 5.3 Exception Processing Vector Table (cont) Exception Sources Vector Numbers Vector Table Address Offset Interrupts IRQ0 64 H'00000100–H'00000103 IRQ1 65 H'00000104–H'00000107 IRQ2 66 H'00000108–H'0000010B IRQ3 67 H'0000010C–H'0000010F IRQ4 68 H'00000110–H'00000113 IRQ5 69 H'00000114–H'00000117 IRQ6 70 H'00000118–H'0000011B IRQ7 71 H'0000011C–H'0000011F On-chip peripheral module* 72 : 255 H'00000120–H'00000124 : H'000003FC–H'000003FF Note: * The vector numbers and vector table address offsets for each on-chip peripheral module interrupt are given in section 6, Interrupt Controller (INTC), and table 6.3, Interrupt Exception Processing Vectors and Priorities. Table 5.4 Calculating Exception Processing Vector Table Addresses Exception Source Vector Table Address Calculation Resets Vector table address = (vector table address offset) = (vector number) × 4 Address errors, interrupts, instructions Vector table address = VBR + (vector table address offset) = VBR + (vector number) × 4 Notes: 1. VBR: Vector base register 2. Vector table address offset: See table 5.3. 3. Vector number: See table 5.3. 5.2 Resets Resets have the highest priority of any exception source. There are two types of resets: manual resets and power-on resets. As table 5.5 shows, both types of resets initialize the internal status of the CPU. In power-on resets, all registers of the on-chip peripheral modules are initialized; in manual resets, they are not. |