データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SH7041A データシート(PDF) 272 Page - Renesas Technology Corp

部品番号 SH7041A
部品情報  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A データシート(HTML) 272 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 268Page - Renesas Technology Corp SH7041A Datasheet HTML 269Page - Renesas Technology Corp SH7041A Datasheet HTML 270Page - Renesas Technology Corp SH7041A Datasheet HTML 271Page - Renesas Technology Corp SH7041A Datasheet HTML 272Page - Renesas Technology Corp SH7041A Datasheet HTML 273Page - Renesas Technology Corp SH7041A Datasheet HTML 274Page - Renesas Technology Corp SH7041A Datasheet HTML 275Page - Renesas Technology Corp SH7041A Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 923 page
background image
234
Figure 11.4 shows the changes in priority levels when transfer requests are issued simultaneously
for channels 0 and 3, and channel 1 receives a transfer request during a transfer on channel 0. The
DMAC operates in the following manner under these circumstances:
1. Transfer requests are issued simultaneously for channels 0 and 3.
2. Since channel 0 has a higher priority level than channel 3, the channel 0 transfer is conducted
first (channel 3 is on transfer standby).
3. A transfer request is issued for channel 1 during a transfer on channel 0 (channels 1 and 3 are
on transfer standby).
4. At the end of the channel 0 transfer, channel 0 shifts to the lowest priority level.
5. At this point, channel 1 has a higher priority level than channel 3, so the channel 1 transfer
comes first (channel 3 is on transfer standby).
6. When the channel 1 transfer ends, channel 1 shifts to the lowest priority level.
7. Channel 3 transfer begins.
8. When the channel 3 transfer ends, channel 3 and channel 2 priority levels are lowered, giving
channel 3 the lowest priority.
Transfer request
Channel waiting
DMAC operation
Channel priority
Issued for
channels 0 and 3
Issued for channel 1
0
> 1 > 2 > 3
Channel 0
transfer begins
1
> 2 > 3 > 0
Channel 0
transfer ends
Channel 1
transfer begins
Channel 3
transfer begins
2
> 3 > 0 > 1
Channel 1
transfer ends
0
> 1 > 2 > 3
Channel 3
transfer ends
Change of
priority
Change of
priority
Change of
priority
None
3
3
1,3
Figure 11.4 Example of Changes in Priority in Round Robin Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More