データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5045-ASST データシート(PDF) 8 Page - ams AG

部品番号 AS5045-ASST
部品情報  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST データシート(HTML) 8 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 4Page - ams AG AS5045-ASST Datasheet HTML 5Page - ams AG AS5045-ASST Datasheet HTML 6Page - ams AG AS5045-ASST Datasheet HTML 7Page - ams AG AS5045-ASST Datasheet HTML 8Page - ams AG AS5045-ASST Datasheet HTML 9Page - ams AG AS5045-ASST Datasheet HTML 10Page - ams AG AS5045-ASST Datasheet HTML 11Page - ams AG AS5045-ASST Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Page 8
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Electrical Characteristics
Magnetic Input Specification
Two-pole cylindrical diametrically magnetized source:
Figure 7:
Magnetic Input Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
dmag
Diameter
Recommended magnet:
Ø 6mm x 2.5mm for
cylindrical magnets
46
mm
tmag
Thickness
2.5
mm
Bpk
Magnetic input field
amplitude
Required vertical component
of the magnetic field strength
on the die’s surface,
measured along a concentric
circle with a radius of 1.1mm
45
75
mT
Boff
Magnetic offset
Constant magnetic stray field
± 10
mT
Field non-linearity
Including offset gradient
5
%
fmag_abs
Input frequency
(rotational speed of
magnet)
146 rpm @ 4096
positions/rev.; fast mode
2.44
Hz
36.6rpm @ 4096
positions/rev.; slow mode
0.61
Disp
Displacement radius
Maximum offset between
defined device center and
magnet axis
0.25
mm
Ecc
Eccentricity
Eccentricity of magnet center
to rotational axis
100
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47