データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5045-ASST データシート(PDF) 16 Page - ams AG

部品番号 AS5045-ASST
部品情報  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST データシート(HTML) 16 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 12Page - ams AG AS5045-ASST Datasheet HTML 13Page - ams AG AS5045-ASST Datasheet HTML 14Page - ams AG AS5045-ASST Datasheet HTML 15Page - ams AG AS5045-ASST Datasheet HTML 16Page - ams AG AS5045-ASST Datasheet HTML 17Page - ams AG AS5045-ASST Datasheet HTML 18Page - ams AG AS5045-ASST Datasheet HTML 19Page - ams AG AS5045-ASST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Page 16
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
If CSn changes to logic low, Data Out (DO) will change from high
impedance (tri-state) to logic high and the read-out will be
initiated.
• After a minimum time tCLK FE, data is latched into the
output shift register with the first falling edge of CLK.
• Each subsequent rising CLK edge shifts out one bit of data.
• The serial word contains 18 bits, the first 12 bits are the
angular information D[11:0], the subsequent 6 bits
contain system information, about the validity of data
such as OCF, COF, LIN, Parity and Magnetic Field status
(increase/decrease).
• A subsequent measurement is initiated by a “high” pulse
at CSn with a minimum duration of tCSn.
Data Content
D11:D0 – absolute angular position data (MSB is clocked out
first)
OCF – (Offset Compensation Finished), logic high indicates the
finished Offset Compensation Algorithm
COF – (CORDIC Overflow), logic high indicates an out of range
error in the CORDIC part. When this bit is set, the data at D9:D0
is invalid. The absolute output maintains the last valid angular
value. This alarm may be resolved by bringing the magnet
within the X-Y-Z tolerance limits.
LIN – (Linearity Alarm), logic high indicates that the input field
generates a critical output linearity. When this bit is set, the data
at D9:D0 may still be used, but can contain invalid data. This
warning may be resolved by bringing the magnet within the
X-Y-Z tolerance limits.
Even Parity – Bit for transmission error detection of bits 1 …17
(D11 …D0, OCF, COF, LIN, MagINC, MagDEC). Placing the
magnet above the chip, angular values increase in clockwise
direction by default.
Data D11:D0 is valid, when the status bits have the following
configurations.
Figure 14:
Status Bit Outputs
Note(s):
1. MagInc=MagDec=1 is only recommended in YELLOW mode (see Figure 16).
OCF
COF
LIN
MagINC
MagDEC
Parity
10
0
00
Even checksum of bits
1:15
01
10
1(1)
1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47