| データシートサーチシステム |
|
AS5045-ASST データシート(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5045-ASST データシート(HTML) 14 Page - ams AG |
|
14 / 47 page ![]() Page 14 ams Datasheet Document Feedback [v2-01] 2017-Jul-13 AS5045 − Detailed Description Mode Input Pin The mode input pin activates or deactivates an internal filter that is used to reduce the analog output noise. Activating the filter (Mode pin = LOW) provides a reduced output noise of 0.03° rms. At the same time, the output delay is increased to 384μs. This mode is recommended for high precision, low speed applications. Deactivating the filter (Mode pin = HIGH) reduces the output delay to 96μs and provides an output noise of 0.06° rms. This mode is recommended for higher speed applications. The MODE pin should be set at power-up. A change of the mode during operation is not allowed. Switching the Mode pin affects the following parameters. Figure 12: Slow and Fast Mode Parameters 12-Bit Absolute Angular Position Output Parameter Slow Mode (Mode = Low) Fast Mode (Mode = High, VDD5V) Sampling rate 2.61 kHz (384 μs) 10.42 kHz (96μs) Transition noise (1 sigma) ≤ 0.03° rms ≤ 0.06° rms Output delay 384μs 96μs Max. speed @ 4096 samples/rev. Max. speed @ 1024 samples/rev. Max. speed @ 256 samples/rev. Max. speed @ 64 samples/rev. 38 rpm 153 rpm 610 rpm 2441 rpm 153 rpm 610 rpm 2441 rpm 9766 rpm |