データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5045-ASST データシート(PDF) 12 Page - ams AG

部品番号 AS5045-ASST
部品情報  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST データシート(HTML) 12 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 8Page - ams AG AS5045-ASST Datasheet HTML 9Page - ams AG AS5045-ASST Datasheet HTML 10Page - ams AG AS5045-ASST Datasheet HTML 11Page - ams AG AS5045-ASST Datasheet HTML 12Page - ams AG AS5045-ASST Datasheet HTML 13Page - ams AG AS5045-ASST Datasheet HTML 14Page - ams AG AS5045-ASST Datasheet HTML 15Page - ams AG AS5045-ASST Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Timing Characteristics
Programming Conditions
tProg enable
Programming enable
time
Time between rising edge at
Prog pin and rising edge of
CSn
2μs
tData in
Write data start
2
μs
tData in valid
Write data valid
Write data at the rising edge
of CLK PROG
250
ns
tLoad PROG
Load programming data
3
μs
tPrgR
Rise time of VPROG before
CLKPROG
0μs
tPrgH
Hold time of VPROG after
CLKPROG
05
μs
CLKPROG
Write data –
programming CLKPROG
Ensure that VPROG is stable
with rising edge of CLK
250
kHz
tPROG
CLK pulse width
During programming; 16
clock cycles
1.8
2
2.2
μs
tPROG finished
Hold time of VPROG after
programming
Programmed data is
available after next
power-on
2μs
VPROG
Programming voltage,
pin PROG
Must be switched off after
zapping
7.3
7.4
7.5
V
VProgOff
Programming voltage off
level
Line must be discharged to
this level
0
1
V
IPROG
Programming current
During programming
130
mA
CLKAread
Analog read CLK
Analog Readback mode
100
kHz
Vprogrammed
Programmed Zener
voltage (log.1)
VRef-VPROG during Analog
Readback mode (see Analog
Readback Mode)
100
mV
Vunprogrammed
Unprogrammed Zener
voltage (log. 0)
1V
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47