| データシートサーチシステム |
|
AS5045-ASST データシート(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5045-ASST データシート(HTML) 30 Page - ams AG |
|
30 / 47 page ![]() Page 30 ams Datasheet Document Feedback [v2-01] 2017-Jul-13 AS5045 − Detailed Description Physical Placement of the Magnet The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as shown in the drawing below. Figure 31: Defined Chip Center and Magnet Displacement Radius Magnet Placement. The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of the IC. The magnet may be placed below or above the device. The distance should be chosen such that the magnetic field on the die surface is within the specified limits (see Figure 30). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.5mm, provided the use of the recommended magnet material and dimensions (6mm x 3mm). Larger distances are possible, as long as the required magnetic field strength stays within the defined limits. However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be indicated by MagINCn (pin 1) and MagDECn (pin 2), see Figure 4. Area of recommended maximum mag- net misalignment Defined center Rd 3.9mm 3.9mm 1 |