データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5045-ASST データシート(PDF) 29 Page - ams AG

部品番号 AS5045-ASST
部品情報  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST データシート(HTML) 29 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 25Page - ams AG AS5045-ASST Datasheet HTML 26Page - ams AG AS5045-ASST Datasheet HTML 27Page - ams AG AS5045-ASST Datasheet HTML 28Page - ams AG AS5045-ASST Datasheet HTML 29Page - ams AG AS5045-ASST Datasheet HTML 30Page - ams AG AS5045-ASST Datasheet HTML 31Page - ams AG AS5045-ASST Datasheet HTML 32Page - ams AG AS5045-ASST Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
ams Datasheet
Page 29
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and ≥2.5mm
in height. Magnetic materials such as rare earth AlNiCo/SmCo5
or NdFeB are recommended. The magnetic field strength
perpendicular to the die surface has to be in the range of ±45mT
to ±75mT (peak).
The magnet’s field strength should be verified using a
gauss-meter. The magnetic field Bv at a given distance, along a
concentric circle with a radius of 1.1mm (R1), should be in the
range of ±45mT to ±75mT (see Figure 30).
Figure 30:
Typical Magnet (6x3mm) and Magnetic Field Distribution
N
S
Magnet axis
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Vertical field
component
(45…75mT)
0
360
Bv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47