| データシートサーチシステム |
|
AS5045-ASST データシート(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5045-ASST データシート(HTML) 20 Page - ams AG |
|
20 / 47 page ![]() Page 20 ams Datasheet Document Feedback [v2-01] 2017-Jul-13 AS5045 − Detailed Description Pulse Width Modulation (PWM) Output The AS5045 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured angle: The PWM frequency is internally trimmed to an accuracy of ±5% ( ±10% over full temperature range). This tolerance can be cancelled by measuring the complete duty cycle as shown above. Figure 19: PWM Output Signal Changing the PWM Frequency The PWM frequency of the AS5045 can be divided by two by setting a bit (PWMhalfEN) in the OTP register (see Programming the AS5045). With PWMhalfEN = 0, the PWM timing is as shown in Figure 20. Figure 20: PWM Signal Parameters (Default mode) Symbol Parameter Typ Unit Note fPWM PWM frequency 244 Hz Signal period: 4097μs PWMIN MIN pulse width 1 μs - Position 0d - Angle 0 deg PWMAX MAX pulse width 4096 μs - Position 4095d - Angle 359.91 deg (EQ1) () 1 4097 − + ⋅ = off on on t t t Position 4097µs 4096µs 1/fPWM PWMAX PWMIN 359.91 deg (Pos 4095) 0 deg (Pos 0) Angle 1µs |