| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 20 Page - NXP Semiconductors |
|
20 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 20 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.5 Display control commands 8.5.1 Command: Set-MUX-mode The Set-MUX-mode command allows setting the multiplex drive mode. 8.5.2 Command: Inversion-mode The Inversion-mode command allows changing the drive scheme inversion mode. The waveforms used to drive LCD displays (see Figure 25 on page 46 to Figure 28 on page 49) inherently produce a DC voltage across the display cell. The PCA8530 compensates for the DC voltage by inverting the waveforms on alternate frames or alternate lines. The choice of the compensation method is determined with INV[2:0] in Table 21. 8.5.2.1 Line inversion mode (driving scheme A) In line inversion mode, the DC value is compensated every nth line. Changing the inversion mode to line inversion mode reduces the possibility for flickering but increases the power consumption (see example waveforms in Figure 25 on page 46 to Figure 28 on page 49) Table 20. Set-MUX-mode - set multiplex drive mode command bit description Bit Symbol Value Description -R/W 0 fixed value - RS[1:0] 00 fixed value 7 to 3 - 00000 fixed value 2 to 0 M[2:0] set multiplex drive mode 000 to 100 unused 101 1:4 multiplex drive mode 110 1:2 multiplex drive mode 111 static Table 21. Inversion-mode - inversion mode command bit description Bit Symbol Value Description -R/W 0 fixed value - RS[1:0] 00 fixed value 7 to 3 - 10110 fixed value 2 to 0 INV[2:0] set inversion mode 000 frame inversion mode 001 1-line inversion mode 010 2-line inversion mode 011 3-line inversion mode 100 to 111 unused |