| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 21 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.5.2.2 Frame inversion mode (driving scheme B) In frame inversion mode, the DC value is compensated across two frames and not within one frame. Changing the inversion mode to frame inversion reduces the power consumption, therefore it is useful when power consumption is a key point in the application. Frame inversion may not be suitable for all applications. The RMS voltage across a segment is better defined, however since the switching frequency is reduced there is possibility for flicker to occur. 8.5.3 Command: Display-ctrl The Display-ctrl command enables or disables the display. Table 22. Display-ctrl - display on and off switch command bit description Bit Symbol Value Description -R/W 0 fixed value - RS[1:0] 00 fixed value 7 to 1 - 0011100 fixed value 0DE display control 0 display disabled 1 display enabled |