| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 28 Page - NXP Semiconductors |
|
28 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 28 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver (1) Alternatively, the external clock signal can be applied after the generation of the VLCD voltage. (2) This time depends on the external capacitor on the VLCD pins. For a capacitor of 100 nF a delay of about 55 ms to 65 ms is expected. Fig 5. Recommended start-up sequence when using the internal charge pump and an external clock signal Fig 6. Recommended start-up sequence when using an external supplied VLCD and an external clock signal |