| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 94 Page - NXP Semiconductors |
|
94 / 103 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] Software programmable. [2] Hardware selectable. PCA85233UG 80 160 240 320 - - - 1.8 to 5.5 2.5 to 8 150, 220[2] NN 40 to 105 I2C Bare die Y PCF85132U 160 320 480 640 - - - 1.8 to 5.5 1.8 to 8 60 to 90[1] NN 40 to 85 I2C Bare die N PCA8530DUG 102 204 - 408 - - - 2.5 to 5.5 4 to 12 45 to 300[1] YY 40 to 105 I2C / SPI Bare die Y PCA85132U 160 320 480 640 - - - 1.8 to 5.5 1.8 to 8 60 to 90[1] NN 40 to 95 I2C Bare die Y PCA85232U 160 320 480 640 - - - 1.8 to 5.5 1.8 to 8 117 to 176[1] NN 40 to 95 I2C Bare die Y PCF8538UG 102 204 - 408 612 816 918 2.5 to 5.5 4 to 12 45 to 300[1] YY 40 to 85 I2C / SPI Bare die N PCA8538UG 102 204 - 408 612 816 918 2.5 to 5.5 4 to 12 45 to 300[1] YY 40 to 105 I2C / SPI Bare die Y Table 58. Selection of LCD segment drivers …continued Type name Number of elements at MUX VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (C) Interface Package AEC- Q100 1:1 1:2 1:3 1:4 1:6 1:8 1:9 |