| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 89 Page - NXP Semiconductors |
|
89 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 89 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver The alignment marks are shown in Table 55. SDAOUT 107 1922.5 495 45 S14 232 2172.5 495 45 108 1967.5 495 45 S13 233 2217.5 495 45 109 2012.5 495 45 S12 234 2262.5 495 45 110 2057.5 495 45 S11 235 2307.5 495 45 111 2102.5 495 45 S10 236 2352.5 495 45 SDO 112 2147.5 495 45 S9 237 2397.5 495 45 113 2192.5 495 45 S8 238 2442.5 495 45 SCL 114 2237.5 495 45 S7 239 2487.5 495 45 115 2282.5 495 45 S6 240 2532.5 495 45 116 2327.5 495 45 S5 241 2577.5 495 45 COM1 117 2485.2 495 157.7 S4 242 2622.5 495 45 118 2530.2 495 45 S3 243 2667.5 495 45 119 2575.2 495 45 S2 244 2712.5 495 45 120 2620.2 495 45 S1 245 2757.5 495 45 COM0 121 2665.2 495 45 S0 246 2802.5 495 45 122 2710.2 495 45 247 2847.5 495 45 123 2755.2 495 45 - - - - 124 2800.2 495 45 - - - - 125 2845.2 495 45 - - - - Table 54. Dimensions of PCA8530DUG Original dimensions are in mm. Unit (mm) A A1 A2 b D E e e1 L max - 0.018 ------- nom 0.40 0.015 0.38 0.03 5.88 1.20 0.045 0.158 0.09 min - 0.012 ------- Fig 60. Alignment marks Table 53. Bump locations of PCA8530DUG …continued All x/y coordinates represent the position of the center of each bump with respect to the center (x/y = 0) of the chip; see Figure 59. Symbol Pin Coordinates Pitch Symbol Pin Coordinates Pitch X ( m) Y ( m) X (m) X ( m) Y ( m) X (m) |