| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 69 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver Default conditions after power-on and initialization. (1) VDD1 =5.5 V. (2) VDD1 =5V. (3) VDD1 =3V. (4) VDD1 =2.5 V. Fig 44. Typical IDD1 with respect to temperature (1) VDD2 = 3 V; charge pump at VLCD =3 VDD2; VLCD =8 V; CVLCD = 100 nF; display disabled. (2) VDD2 = 5 V; charge pump at VLCD =2 VDD2; VLCD =8 V; CVLCD = 100 nF; display disabled. Fig 45. Typical IDD2 with respect to temperature |