| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 95 Page - NXP Semiconductors |
|
95 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 95 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 21. Abbreviations Table 59. Abbreviations Acronym Description AEC Automotive Electronics Council COG Chip-On-Glass DC Direct Current EPROM Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit ITO Indium Tin Oxide LCD Liquid Crystal Display LSB Least Significant Bit MCU Microcontroller Unit MM Machine Model MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer OTP One Time Programmable POR Power-On Reset RC Resistance-Capacitance RAM Random Access Memory RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SMD Surface Mount Device SPI Serial Peripheral Interface VA Vertical Alignment |